PART |
Description |
Maker |
ATMEGA16L |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter.
|
ATMEL
|
ATMEGA8 ATMEGA8L |
8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 MIPS throughput at 16 Mhz. 8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation
|
Atmel
|
ATMEGA169 ATMEGA169L ATMEGA169V |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. 4 X 25 Segment LCD Driver. Up to 16 MIPS throughput at 16 MHz. 5 Volt Operation. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. 4 X 25 Segment LCD Driver. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. 4 X 25 Segment LCD Driver. Up to 1 MIPS throughput at 1 MHz.
|
Atmel
|
NP5Q128A13ESFC0E NP5Q128AE3ESFC0E |
128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
|
Numonyx B.V
|
N25Q128A11BSFH0E N25Q128A21BSFH0E N25Q128A31BSFH0E |
128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
|
Numonyx B.V
|
P87CL881H P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
NXP Semiconductors
|
ST10F272B ST10F272E |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
ST10F272M-4T3 ST10F272M-4TR3 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
意法半导
|
M50FLW040AK5G M50FLW040AK5P M50FLW040AK5TP M50FLW0 |
4-Mbit (5 64 Kbyte blocks 3 16 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
|
意法半导
|
IDT72V8988 IDT72V8988DB IDT72V8988J IDT72V8988J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
AN1179 |
ST7 - PROGRAMMING ST7 FLASH MICROCONTROLLERS IN REMOTE ISP MODE (IN-SITU PROGRAMMING)
|
SGS Thomson Microelectronics
|